Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 973 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 973 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 969Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 970Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 971Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 972Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 973Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 974Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 976Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 977Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 973 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 941 of 1468
REJ09B0412-0200
19.7.6
Data Transmission (Except in Block Transfer Mode)
Data transmission in smart card interface mode (except in block transfer mode) is different from
that in normal serial communication interface mode in that an error signal is sampled and data can
be re-transmitted. Figure 19.29 shows the data re-transfer operation during transmission.
1. If an error signal from the receiving end is sampled after one frame of data has been
transmitted, the ERS bit in SSR is set to 1. Here, an ERI interrupt request is generated if the
RIE bit in SCR is set to 1. Clear the ERS bit to 0 before the next parity bit is sampled.
2. For the frame in which an error signal is received, the TEND bit in SSR is not set to 1. Data is
re-transferred from TDR to TSR allowing automatic data retransmission.
3. If no error signal is returned from the receiving end, the ERS bit in SSR is not set to 1.
4. In this case, one frame of data is determined to have been transmitted including re-transfer, and
the TEND bit in SSR is set to 1. Here, a TXI interrupt request is generated if the TIE bit in
SCR is set to 1. Writing transmit data to TDR starts transmission of the next data.
Figure 19.31 shows a sample flowchart for transmission. All the processing steps are
automatically performed using a TXI interrupt request to activate the DTC or DMAC. In
transmission, the TEND and TDRE flags in SSR are simultaneously set to 1, thus generating a
TXI interrupt request if the TIE bit in SCR has been set to 1. This activates the DTC or DMAC by
a TXI request thus allowing transfer of transmit data if the TXI interrupt request is specified as a
source of DTC or DMAC activation beforehand. The TDRE and TEND flags are automatically
cleared to 0 at data transfer by the DTC or DMAC. If an error occurs, the SCI automatically re-
transmits the same data. During re-transmission, TEND remains as 0, thus not activating the DTC
or DMAC. Therefore, the SCI and DTC or DMAC automatically transmit the specified number of
bytes, including re-transmission in the case of error occurrence. However, the ERS flag is not
automatically cleared; the ERS flag must be cleared by previously setting the RIE bit to 1 to
enable an ERI interrupt request to be generated at error occurrence.
When transmitting/receiving data using the DTC or DMAC, be sure to set and enable the DTC or
DMAC prior to making SCI settings. For DTC or DMAC settings, see section 12, Data Transfer
Controller (DTC) and section 10, DMA Controller (DMAC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com