Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1000 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1000 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 996Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 997Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 998Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 999Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1000Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1001Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1002Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1003Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1004Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 968 of 1468
REJ09B0412-0200
20.3.1
Interrupt Flag Register 0 (IFR0)
IFR0, together with interrupt flag registers 1and 2 (IFR1and IFR2), indicates interrupt status
information required by the application. When an interrupt source is generated, the corresponding
bit is set to 1. And then this bit, in combination with interrupt enable register 0 (IER0), generates
an interrupt request to the CPU. To clear, write 0 to the bit to be cleared and 1 to the other bits.
However, since EP1FULL and EP2EMPTY are status bits, these bits cannot be cleared.
Bit
Bit Name
Initial Value
R/W
7
BRST
0
R/W
6
EP1 FULL
0
R
5
EP2 TR
0
R/W
4
EP2 EMPTY
1
R
3
SETUP TS
0
R/W
2
EP0o TS
0
R/W
1
EP0i TR
0
R/W
0
EP0i TS
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
BRST
0
R/W
Bus Reset
This bit is set to 1 when a bus reset signal is detected on
the USB bus.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
6
EP1 FULL
0
R
EP1 FIFO Full
This bit is set when endpoint 1 receives one packet of
data successfully from the host, and holds a value of 1
as long as there is valid data in the FIFO buffer.
This is a status bit, and cannot be cleared.
5
EP2 TR
0
R/W
EP2 Transfer Request
This bit is set if there is no valid transmit data in the FIFO
buffer when an IN token for endpoint 2 is received from
the host. A NACK handshake is returned to the host until
data is written to the FIFO buffer and packet
transmission is enabled.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com