Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1004 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1004 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1000Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1001Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1002Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1003Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1004Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1005Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1006Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1007Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1008Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 972 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
SURSF
0
R/W
Suspend/Resume Detection
This bit is set to 1 when the state changed from normal
to suspended state or vice versa. The corresponding
interrupt output is RESUME, USBINTN2, and
USBINTN3.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
3
CFDN
0
R/W
End Point Information Load End
This bit is set to 1 when writing data in the endpoint
information register to the EPIR register ends (load
end). This module starts the USB operation after the
endpoint information is completely set.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
2
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
1
SETC
0
R/W
Set_Configuration Command Detection
When the Set_Configuration command is detected, this
bit is set to 1.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
0
SETI
0
R/W
Set_Interface Command Detection
When the Set_Interface command is detected, this bit
is set to 1.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com