Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1009 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1009 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1005Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1006Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1007Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1008Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1009Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1010Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1011Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1012Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1013Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1009 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 977 of 1468
REJ09B0412-0200
20.3.8
Interrupt Enable Register 1 (IER1)
IER1 enables the interrupt requests of interrupt flag register 1 (IFR1). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 1
(ISR1).
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
EP3 TR
0
R/W
1
EP3 TS
0
R/W
0
VBUSF
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
0
0
0
0
0
R
R
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
EP3 TR
0
R/W
EP3 Transfer Request
1
EP3 TS
0
R/W
EP3 Transmission Complete
0
VBUSF
0
R/W
USB Bus Connect
20.3.9
Interrupt Enable Register 2 (IER2)
IER2 enables the interrupt requests of interrupt flag register 2 (IFR2). When an interrupt flag is set
to 1 while the corresponding bit of each interrupt is set to 1, an interrupt request is sent to the
CPU. The interrupt vector number is determined by the contents of interrupt select register 2
(ISR2).
Bit
Bit Name
Initial Value
R/W
7
SSRSME
0
R/W
6
0
R
5
0
R
4
SURSE
0
R/W
3
CFDN
0
R/W
2
0
R
1
SETCE
0
R/W
0
SETIE
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com