Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1010 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1010 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1006Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1007Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1008Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1009Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1010Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1011Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1012Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1013Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1014Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1010 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 978 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
7
SSRSME
0
R/W
Resume Detection for Software Standby Cancel
For the details of the operation, see section 20.5.3,
Suspend and Resume Operations.
6, 5
All 0
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.
4
SURSE
0
R/W
Suspend/Resume Detection
For the details of the operation, see section 20.5.3,
Suspend and Resume Operations.
3
CFDN
0
R/W
End Point Information Load End
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1
SETCE
0
R/W
Set_Configuration Command Detection
0
SETIE
0
R/W
Set_Interface Command Detection
20.3.10
EP0i Data Register (EPDR0i)
EPDR0i is an 8-byte transmit FIFO buffer for endpoint 0. EPDR0i holds one packet of transmit
data for control-in. Transmit data is fixed by writing one packet of data and setting EP0iPKTE in
the trigger register. When an ACK handshake is returned from the host after the data has been
transmitted, EP0iTS in interrupt flag register 0 is set. This FIFO buffer can be initialized by means
of EP0iCLR in the FCLR register.
Bit
Bit Name
Initial Value
R/W
7
D7
Undefined
W
6
D6
Undefined
W
5
D5
Undefined
W
4
D4
Undefined
W
3
D3
Undefined
W
2
D2
Undefined
W
1
D1
Undefined
W
0
D0
Undefined
W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
Undefined W
Data register for control-in transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com