Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1027 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1027 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1023Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1024Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1025Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1026Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1027Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1028Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1029Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1030Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1031Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1027 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 995 of 1468
REJ09B0412-0200
Table 20.3 shows a specific example of setting.
Table 20.3
Example of Setting
Endpoint
Number
Conf.
Int.
Alt.
Transfer
Method
Transfer
Direction
Maximum
Packet Size
Endpoint
FIFO Number
0
Control
In/Out
8 bytes
0
1
1
0
0
Bulk
Out
64 bytes
1
2
1
0
0
Bulk
In
64 bytes
2
3
1
0
0
Interrupt
In
8 bytes
3
1
1
0
1
1
1
N
EPIR[N]0
EPIR[N]1
EPIR[N]2
EPIR[N]3
EPIR[N]4
0
00
00
10
00
00
1
14
20
80
00
01
2
24
28
80
00
02
3
34
38
10
00
03
4
00
00
00
00
00
5
00
00
00
00
00
6
00
00
00
00
00
7
00
00
00
00
00
8
00
00
00
00
00
9
00
00
00
00
00
1
0
0
0
1
2
3
0
1
2
3
Control
BulkOut
BulkIn
InterruptIn
Configuration
Interface
Alternate
Setting
Endpoint
Number
Endpoint
FIFO Number
Attribute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com