Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1023 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1023 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1019Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1020Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1021Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1022Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1023Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1024Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1025Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1026Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1027Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1023 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 991 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
0
0
0
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
RWUPS
0
R
Remote Wakeup Status
This status bit indicates remote wakeup command
from USB host is enabled or disabled.
This bit is set to 0 when remote wakeup command
from UBM host is disabled by
Device_Remote_Wakeup due to Set Feature or Clear
Feature request. This bit is set to 1 when remote
wakeup command is enabled.
3
RSME
0
R/W
Resume Enable
This bit releases the suspend state (or executes
remote wakeup). When RSME is set to 1, resume
request starts. If RSME is once set to 1, clear this bit
to 0 again afterwards. In this case, the value 1 set to
RSME must be kept for at least one clock period of
12-MHz clock.
2
PWMD
0
R/W
Bus Power Mode
This bit specifies the USB power mode. When PWMD
is set to 0, the self-power mode is selected for this
module. When set to 1, the bus-power mode is
selected.
1
ASCE
0
R/W
Automatic Stall Clear Enable
Setting the ASCE bit to 1 automatically clears the stall
setting bit (the EPxSTL (x
= 0, 1, 2, or 3) bit in
EPSTLR0 or EPSTR1) of the end point that has
returned the stall handshake to the host. The
automatic stall clear enable is common to the all end
points. Thus the individual control of the end point is
not possible.
When the ASCE bit is set to 0, the stall setting bit is
not automatically cleared. This bit must be released
by the users. To enable this bit, make sure that the
ASCE bit should be set to 1 before the EPxSTL (x
= 0,
1, 2, or 3) bit in EPSTL is set to 1.
0
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com