Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1019 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1019 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1015Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1016Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1017Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1018Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1019Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1020Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1021Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1022Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1023Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1019 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 987 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
EP2DMAE
0
R/W
Endpoint 2 DMA Transfer Enable
When this bit is set, DMA transfer is enabled from
memory to the endpoint 2 transmit FIFO buffer. If
there is at least one byte of open space in the FIFO
buffer, a DMAC start interrupt signal (USBINTN1) is
asserted. In DMA transfer, when 64 bytes are written
to the FIFO buffer the EP2 packet enable bit is set
automatically, allowing 64 bytes of data to be
transferred, and if there is still space in the other side
of the two FIFOs, the DMAC start interrupt signal
(USBINTN1) is asserted again. However, if the size of
the data packet to be transmitted is less than 64
bytes, the EP2 packet enable bit is not set
automatically, and so should be set by the CPU with a
DMA transfer end interrupt.
As EP2-related interrupt requests to the CPU are not
automatically masked, interrupt requests should be
masked as necessary in the interrupt enable register.
• Operating procedure
1. Write of 1 to the EP2 DMAE bit in DMAR
2. Set the DMAC to activate through USBINTN1
3. Transfer count setting in the DMAC
4. DMAC activation
5. DMA transfer
6. DMA transfer end interrupt generated
See section 20.8.3, DMA Transfer for Endpoint 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com