Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1021 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1021 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1017Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1018Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1019Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1020Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1021Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1022Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1023Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1024Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1025Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 989 of 1468
REJ09B0412-0200
20.3.22
Endpoint Stall Register (EPSTL)
The bits in EPSTL are used to forcibly stall the endpoints on the application side. While a bit is set
to 1, the corresponding endpoint returns a stall handshake to the host. The stall bit for endpoint 0
is cleared automatically on reception of 8-byte command data for which decoding is performed by
the function and the EP0 STL bit is cleared. When the SETUPTS flag in the IFR0 register is set to
1, writing 1 to the EP0 STL bit is ignored. For detailed operation, see section 20.7, Stall
Operations.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
EP3STL
0
R/W
2
EP2STL
0
R/W
1
EP1STL
0
R/W
0
EP0STL
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
0
0
0
0
R
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
3
EP3STL
0
R/W
EP3 Stall
When this bit is set to 1, endpoint 3 is placed in the
stall state.
2
EP2STL
0
R/W
EP2 Stall
When this bit is set to 1, endpoint 2 is placed in the
stall state.
1
EP1STL
0
R/W
EP1 Stall
When this bit is set to 1, endpoint 1 is placed in the
stall state.
0
EP0STL
0
R/W
EP0 Stall
When this bit is set to 1, endpoint 0 is placed in the
stall state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com