Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1018 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1018 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1014Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1015Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1016Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1017Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1018Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1019Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1020Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1021Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1022Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1018 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 986 of 1468
REJ09B0412-0200
20.3.21
DMA Transfer Setting Register (DMA)
DMA transfer can be carried out between the endpoint 1 and 2 data registers and memory by
means of the on-chip direct memory access controller (DMAC). Dual address transfer is
performed in bytes. To start DMA transfer, DMAC settings must be made in addition to the
settings in this register.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
2
PULLUP_E
0
R/W
1
EP2DMAE
0
R/W
0
EP1DMAE
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
0
0
0
0
0
R
R
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
PULLUP_E
0
R/W
PULLUP Enable
This pin performs the pull-up control for the D+ pin,
with using PM4 as the pull-up control pin.
0: D+ is not pulled up.
1: D+ is pulled up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com