Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 108Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 109Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 110Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 111Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 112Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 113Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 114Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 115Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1504 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep. 24, 2008 Page 80 of 1468
REJ09B0412-0200
Modes 1 and 2 are the user boot mode and the boot mode, respectively, in which the flash memory
can be programmed and erased. For details on the user boot mode and boot mode, see section 25,
Flash Memory.
Mode 3 is the boundary scan function enabled single-chip mode. For details on the boundary scan
function, see section 26, Boundary Scan.
Mode 7 is a single-chip initiation mode. All I/O ports can be used as general input/output ports.
The external address space cannot be accessed in the initial state, but setting the EXPE bit in the
system control register (SYSCR) to 1 enables to use the external address space. After the external
address space is enabled, ports D, E, and F can be used as an address output bus and ports H and I
as a data bus by specifying the data direction register (DDR) for each port. When the external
address space is not in use, ports J and K can be used by setting the PCJKE bit in the port function
control register D (PFCRD) to 1.
Modes 4 to 6 are external extended modes, in which the external memory and devices can be
accessed. In the external extended modes, the external address space can be designated as 8-bit or
16-bit address space for each area by the bus controller after starting program execution.
If 16-bit address space is designated for any one area, it is called the 16-bit bus widths mode. If 8-
bit address space is designated for all areas, it is called the 8-bit bus width mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com