Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 109Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 110Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 111Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 112Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 113Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 114Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 115Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 116Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1504 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep. 24, 2008 Page 81 of 1468
REJ09B0412-0200
3.2
Register Descriptions
The following registers are related to the operating mode setting.
• Mode control register (MDCR)
• System control register (SYSCR)
3.2.1
Mode Control Register (MDCR)
MDCR indicates the current operating mode. When MDCR is read from, the states of signals
MD3 to MD0 are latched. Latching is released by a reset.
Bit
Bit Name
Initial Value
R/W
Note: * Determined by pins MD3 to MD0.
15
MDS7
Undefined*
14
1
R
13
0
R
12
1
R
11
MDS3
Undefined*
R
10
MDS2
Undefined*
R
9
MDS1
Undefined*
R
8
MDS0
Undefined*
R
Bit
Bit Name
Initial Value
R/W
7
Undefined*
R
6
1
R
5
0
R
4
1
R
3
Undefined*
R
2
Undefined*
R
1
Undefined*
R
0
Undefined*
R
Bit
Bit Name
Initial Value R/W
Descriptions
15
MDS7
Undefined*
R
This pin indicates a value set with the mode pin
(MD3)
When MDCR is read, the signal levels input on the
MD3 pin is latched into this bit. This latch is released
by a reset.
14
13
12
1
0
1
R
R
R
Reserved
These are read-only bits and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com