Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1141 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1141 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1137Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1138Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1139Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1140Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1141Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1142Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1143Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1144Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1141 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1109 of 1468
REJ09B0412-0200
Table 25.1
Differences between Boot Mode, User Program Mode, User Boot Mode, and
Programmer Mode
Item
SCI Boot
Mode
Boot Mode
User Program
Mode
User Boot
Mode
Programmer
Mode
Programming/
erasing
environment
On-board
programming
On-board
programming
On-board
programming
On-board
programming
Off-board
programming
Programming/
erasing enable
MAT
• User MAT • User MAT • User MAT • User MAT • User MAT
• User boot
MAT
Programming/
erasing control
Command
Command
Programming/
erasing
interface
Programming/
erasing
interface
Command
All erasure
O (Automatic)
O (Automatic)
O
O
O (Automatic)
Block division
erasure
O*
1
O*
1
O
O
×
Program data
transfer
From host via
SCI
From host via
USB
From desired
device via RAM
From desired
device via RAM
Via
programmer
RAM emulation
×
×
O
O
×
Reset initiation
MAT
Embedded
program
storage area
Embedded
program
storage area
User MAT
User boot
MAT*
2
Transition to
user mode
Changing
mode and reset
Changing
mode and reset
Completing
Programming/
erasure*
3
Changing
mode and reset
Notes: 1. All-erasure is performed. After that, the specified block can be erased.
2. First, the reset vector is fetched from the embedded program storage area. After the
flash memory related registers are checked, the reset vector is fetched from the user
boot MAT.
3. In this LSI, the user programming mode is defined as the period from the timing when a
program concerning programming and erasure is started to the timing when the
program is completed. For details on a program concerning programming and erasure,
see section 25.8.3, User Program Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com