Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1143 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1143 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1139Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1140Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1141Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1142Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1143Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1144Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1145Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1146Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1143 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1111 of 1468
REJ09B0412-0200
25.4
Block Structure
25.4.1
Block Diagram of H8SX/1663
Figure 25.4 (1) shows the block structure of the 384-Kbyte user MAT. The heavy-line frames
indicate the erase blocks. The thin-line frames indicate the programming units and the values
inside the frames stand for the addresses. The user MAT is divided into five 64-Kbyte blocks, one
32-Kbyte block, and eight 4-Kbyte blocks. The user MAT can be erased in these divided block
units. Programming is done in 128-byte units starting from where the lower address is H'00 or
H'80. RAM emulation can be performed in the eight 4-Kbyte blocks.
EB0
Erase unit: 4 Kbytes
EB1
Erase unit: 4 Kbytes
EB2
Erase unit: 4 Kbytes
EB3
Erase unit: 4 Kbytes
EB4
Erase unit: 4 Kbytes
EB5
Erase unit: 4 Kbytes
EB6
Erase unit: 4 Kbytes
EB7
Erase unit: 4 Kbytes
EB8
Erase unit: 32 Kbytes
EB9
Erase unit: 64 Kbytes
H'000000 H'000001 H'000002
H'00007F
H'000FFF
H'00107F
H'00207F
H'00307F
H'00407F
H'004FFF
H'00507F
H'005FFF
H'001FFF
H'002FFF
H'003FFF
H'01FFFF
H'00607F
H'006FFF
H'00707F
H'007FFF
H'00807F
H'00FFFF
H'01007F
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
H'001000 H'001001 H'001002
H'002000 H'002001 H'002002
H'003000 H'003001 H'003002
H'004000 H'004001 H'004002
H'005000 H'005001 H'005002
H'006000 H'006001 H'006002
H'007000 H'007001 H'007002
H'008000 H'008001 H'008002
H'010000 H'010001 H'010002
H'000F80 H'000F81 H'000F82
H'001F80 H'001F81 H'001F82
H'002F80 H'002F81 H'002F82
H'003F80 H'003F81 H'003F82
H'004F80 H'004F81 H'004F82
H'00FF80 H'00FF81 H'00FF82
H'01FF80 H'01FF81 H'01FF82
H'005F80 H'005F81 H'005F82
H'006F80 H'006F81 H'006F82
H'007F80 H'007F81 H'007F82
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
– – – – – – – – – – –
EB10
EB13
Erase unit: 64 Kbytes
H'05FFFF
H'02007F
H'05007F
←Programming unit: 128 bytes→
←Programming unit: 128 bytes→
H'020000 H'020001 H'020002
H'050000 H'050001 H'050002
H'0AFF80 H'0AFF81 H'0AFF82
H'05FF80 H'05FF81 H'05FF82
– – – – – – – – – – –
– – – – – – – – – – –
Figure 25.4 (1) User MAT Block Structure of H8SX/1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com