Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1147 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1147 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1143Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1144Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1145Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1146Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1147Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1148Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1149Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1150Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1147 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1115 of 1468
REJ09B0412-0200
(2)
Download of On-Chip Program
The on-chip program is automatically downloaded by setting the flash key code register (FKEY)
and the SCO bit in the flash code control/status register (FCCS) after initializing the vector base
register (VBR). The memory MAT is replaced with the embedded program storage area during
download. Since the memory MAT cannot be read during programming/erasing, the procedure
program must be executed in a space other than the flash memory (for example, on-chip RAM).
Since the download result is returned to the programming/erasing interface parameter, whether
download is normally executed or not can be confirmed. The VBR contents can be changed after
completion of download.
(3)
Initialization of Programming/Erasure
A pulse with the specified period must be applied when programming or erasing. The specified
pulse width is made by the method in which wait loop is configured by the CPU instruction.
Accordingly, the operating frequency of the CPU needs to be set before programming/erasure. The
operating frequency of the CPU is set by the programming/erasing interface parameter.
(4)
Execution of Programming/Erasure
The start address of the programming destination and the program data are specified in 128-byte
units when programming. The block to be erased is specified with the erase block number in
erase-block units when erasing. Specifications of the start address of the programming destination,
program data, and erase block number are performed by the programming/erasing interface
parameters, and the on-chip program is initiated. The on-chip program is executed by using the
JSR or BSR instruction and executing the subroutine call of the specified address in the on-chip
RAM. The execution result is returned to the programming/erasing interface parameter.
The area to be programmed must be erased in advance when programming flash memory. All
interrupts are disabled during programming/erasure.
(5)
When Programming/Erasure is Executed Consecutively
When processing does not end by 128-byte programming or 1-block erasure, consecutive
programming/erasure can be realized by updating the start address of the programming destination
and program data, or the erase block number. Since the downloaded on-chip program is left in the
on-chip RAM even after programming/erasure completes, download and initialization are not
required when the same processing is executed consecutively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com