Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1150 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1150 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1146Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1147Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1148Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1149Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1150Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1151Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1152Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1153Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1150 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1118 of 1468
REJ09B0412-0200
Table 25.3
Registers/Parameters and Target Modes
Register/Parameter
Down-
load
Initiali-
zation
Program-
ming
Erasure
Read
RAM
Emulation
FCCS
O
FPCS
O
FECS
O
FKEY
O
O
O
FMATS
O*
1
O*
1
O*
2
Programming/
erasing interface
registers
FTDAR
O
DPFR
O
FPFR
O
O
O
FPEFEQ
O
FMPAR
O
FMPDR
O
Programming/
erasing interface
parameters
FEBS
O
RAM emulation
RAMER
O
Notes: 1. The setting is required when programming or erasing the user MAT in user boot mode.
2. The setting may be required according to the combination of initiation mode and read
target memory MAT.
25.7.1
Programming/Erasing Interface Registers
The programming/erasing interface registers are 8-bit registers that can be accessed only in bytes.
These registers are initialized by a reset.
(1)
Flash Code Control/Status Register (FCCS)
FCCS monitors errors during programming/erasing the flash memory and requests the on-chip
program to be downloaded to the on-chip RAM.
7
1
R
6
0
R
5
0
R
4
FLER
0
R
3
0
R
0
SCO
0
(R)/W*
2
0
R
1
0
R
Bit
Bit Name
Initial Value
R/W
Note:
*
This is a write-only bit. This bit is always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com