Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1151 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1151 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1147Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1148Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1149Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1150Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1151Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1152Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1153Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1154Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1151 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1119 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
1
0
0
R
R
R
Reserved
These are read-only bits and cannot be modified.
4
FLER
0
R
Flash Memory Error
Indicates that an error has occurred during programming
or erasing the flash memory. When this bit is set to 1,
the flash memory enters the error protection state.
When this bit is set to 1, high voltage is applied to the
internal flash memory. To reduce the damage to the
flash memory, the reset must be released after the reset
input period (period of
RES = 0) of at least 100 µs.
0: Flash memory operates normally (Error protection is
invalid)
[Clearing condition]
• At a reset
1: An error occurs during programming/erasing flash
memory (Error protection is valid)
[Setting conditions]
• When an interrupt, such as NMI, occurs during
programming/erasure.
• When the flash memory is read during
programming/erasure (including a vector read and
an instruction fetch).
• When the SLEEP instruction is executed during
programming/erasure (including software standby
mode).
• When a bus master other than the CPU, such as the
DMAC and DTC, obtains bus mastership during
programming/erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com