Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1162 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1162 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1158Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1159Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1160Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1161Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1162Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1163Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1164Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1165Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1162 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1130 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
FK
R/W
Flash Key Register Error Detect
Checks the FKEY value (H'5A) before programming
starts, and returns the result.
0: FKEY setting is normal (H'5A)
1: FKEY setting is abnormal (value other than H'5A)
3
Unused
Returns 0.
2
WD
R/W
Write Data Address Detect
When an address not in the flash memory area is
specified as the start address of the storage destination
for the program data, an error occurs.
0: Setting of the start address of the storage destination
for the program data is normal
1: Setting of the start address of the storage destination
for the program data is abnormal
1
WA
R/W
Write Address Error Detect
When the following items are specified as the start
address of the programming destination, an error
occurs.
• An area other than flash memory
• The specified address is not aligned with the 128-
byte boundary (lower eight bits of the address are
other than H'00 and H'80)
0: Setting of the start address of the programming
destination is normal
1: Setting of the start address of the programming
destination is abnormal
0
SF
R/W
Success/Fail
Returns the programming result.
0: Programming has ended normally (no error)
1: Programming has ended abnormally (error occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com