Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1164 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1164 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1160Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1161Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1162Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1163Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1164Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1165Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1166Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1167Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1164 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1132 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
FK
R/W
Flash Key Register Error Detect
Checks the FKEY value (H'5A) before erasure starts,
and returns the result.
0: FKEY setting is normal (H'5A)
1: FKEY setting is abnormal (value other than H'5A)
3
EB
R/W
Erase Block Select Error Detect
Checks whether the specified erase block number is in
the block range of the user MAT, and returns the result.
0: Setting of erase block number is normal
1: Setting of erase block number is abnormal
2, 1
Unused
These bits return 0.
0
SF
R/W
Success/Fail
Indicates the erasure result.
0: Erasure has ended normally (no error)
1: Erasure has ended abnormally (error occurs)
(4)
Flash Program/Erase Frequency Parameter (FPEFEQ: General Register ER0 of CPU)
FPEFEQ sets the operating frequency of the CPU. The operating frequency available in this LSI
ranges from 8 MHz to 50 MHz.
31
30
29
28
27
24
26
25
Bit
Bit Name
23
22
21
20
19
16
18
17
Bit
Bit Name
15
F15
14
F14
13
F13
12
F12
11
F11
8
F8
10
F10
9
F9
Bit
Bit Name
7
F7
6
F6
5
F5
4
F4
3
F3
0
F0
2
F2
1
F1
Bit
Bit Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com