Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1193 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1193 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1189Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1190Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1191Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1192Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1193Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1194Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1195Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1196Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1193 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1161 of 1468
REJ09B0412-0200
Memory MAT switching is enabled by setting FMATS. However note that access to a memory
MAT is not allowed until memory MAT switching is completed. During memory MAT switching,
the LSI is in an unstable state, e.g. if an interrupt occurs, from which memory MAT the interrupt
vector is read is undetermined. Perform memory MAT switching in accordance with the
description in section 25.11, Switching between User MAT and User Boot MAT.
Except for memory MAT switching, the erasing procedure is the same as that in user program
mode.
The area that can be executed in the steps of the procedure program (on-chip RAM, user MAT,
and external space) is shown in section 25.8.5, On-Chip Program and Storable Area for Program
Data.
25.8.5
On-Chip Program and Storable Area for Program Data
In the descriptions in this manual, the on-chip programs and program data storage areas are
assumed to be in the on-chip RAM. However, they can be executed from part of the flash memory
which is not to be programmed or erased as long as the following conditions are satisfied.
1. The on-chip program is downloaded to and executed in the on-chip RAM specified by
FTDAR. Therefore, this on-chip RAM area is not available for use.
2. Since the on-chip program uses a stack area, allocate 128 bytes at the maximum as a stack
area.
3. Download requested by setting the SCO bit in FCCS to 1 should be executed from the on-chip
RAM because it will require switching of the memory MATs.
4. In an operating mode in which the external address space is not accessible, such as single-chip
mode, the required procedure programs, NMI handling vector table, and NMI handling routine
should be transferred to the on-chip RAM before programming/erasure starts (download result
is determined).
5. The flash memory is not accessible during programming/erasure. Programming/erasure is
executed by the program downloaded to the on-chip RAM. Therefore, the procedure program
that initiates operation, the NMI handling vector table, and the NMI handling routine should be
stored in the on-chip RAM other than the flash memory.
6. After programming/erasure starts, access to the flash memory should be inhibited until FKEY
is cleared. The reset input state (period of
RES = 0) must be set to at least 100 µs when the
operating mode is changed and the reset start executed on completion of programming/erasure.
Transitions to the reset state are inhibited during programming/erasure. When the reset signal
is input, a reset input state (period of
RES = 0) of at least 100 µs is needed before the reset
signal is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com