Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1194 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1194 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1190Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1191Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1192Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1193Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1194Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1195Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1196Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1197Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1194 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1162 of 1468
REJ09B0412-0200
7. Switching of the memory MATs by FMATS should be needed when programming/erasure of
the user MAT is operated in user boot mode. The program which switches the memory MATs
should be executed from the on-chip RAM. For details, see section 25.11, Switching between
User MAT and User Boot MAT. Make sure you know which memory MAT is currently
selected when switching them.
8. When the program data storage area is within the flash memory area, an error will occur even
when the data stored is normal program data. Therefore, the data should be transferred to the
on-chip RAM to place the address that the FMPDR parameter indicates in an area other than
the flash memory.
In consideration of these conditions, the areas in which the program data can be stored and
executed are determined by the combination of the processing contents, operating mode, and bank
structure of the memory MATs, as shown in tables 25.8 to 25.12.
Table 25.8
Executable Memory MAT
Operating Mode
Processing Contents
User Program Mode
User Boot Mode*
Programming
See table 25.9
See table 25.11
Erasing
See table 25.10
See table 25.12
Note:
*
Programming/Erasure is possible to the user MAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com