Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1199 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1199 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1195Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1196Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1197Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1198Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1199Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1200Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1201Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1202Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1199 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1167 of 1468
REJ09B0412-0200
25.9
Protection
There are three types of protection against the flash memory programming/erasure: hardware
protection, software protection, and error protection.
25.9.1
Hardware Protection
Programming and erasure of the flash memory is forcibly disabled or suspended by hardware
protection. In this state, download of an on-chip program and initialization are possible. However,
programming or erasure of the user MAT cannot be performed even if the programming/erasing
program is initiated, and the error in programming/erasure is indicated by the FPFR parameter.
Table 25.13 Hardware Protection
Function to be Protected
Item
Description
Download
Programming/
Erasing
Reset protection
• The programming/erasing interface
registers are initialized in the reset
state (including a reset by the WDT)
and the programming/erasing
protection state is entered.
• The reset state will not be entered by
a reset using the
RES pin unless the
RES pin is held low until oscillation has
settled after a power is initially
supplied. In the case of a reset during
operation, hold the
RES pin low for the
RES pulse width given in the AC
characteristics. If a reset is input during
programming or erasure, data in the
flash memory is not guaranteed. In this
case, execute erasure and then
execute programming again.
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com