Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1202 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1202 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1198Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1199Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1200Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1201Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1202Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1203Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1204Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1205Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1202 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1170 of 1468
REJ09B0412-0200
25.10
Flash Memory Emulation Using RAM
For realtime emulation of the data written to the flash memory using the on-chip RAM, the on-
chip RAM area can be overlaid with several flash memory blocks (user MAT) using the RAM
emulation register (RAMER).
The overlaid area can be accessed from both the user MAT area specified by RAMER and the
overlaid RAM area. The emulation can be performed in user mode and user program mode.
Figure 25.19 shows an example of emulating realtime programming of the user MAT.
Emulation program start
Set RAMER
Write tuning data to overlaid
RAM area
Execute application program
Tuning OK?
Cancel setting in RAMER
Program emulation block
in user MAT
Emulation program end
Yes
No
Figure 25.19 RAM Emulation Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com