Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1249 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1249 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1245Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1246Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1247Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1248Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1249Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1250Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1251Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1252Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1249 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1217 of 1468
REJ09B0412-0200
26.5.2
Commands
BYPASS (Instruction Code: B'1111): The BYPASS instruction is an instruction that drives the
bypass register (JTBPR). This instruction shortens the shift path, facilitating the transfer of serial
data to other LSIs on a printed-circuit board at higher speeds. While this instruction is being
executed, the test circuit has no effect on the system circuits.
The bypass register (JTBPR) is connected between the TDI and TDO pins. Bypass operation is
initiated from shift-DR operation. The TDO is at 0 in the first clock cycle in the shift-DR state; in
the subsequent clock cycles, the TDI signal is output on the TDO pin.
EXTEST (Instruction Code: B'0000): The EXTEST instruction is used to test external circuits
when this LSI is installed on the printed circuit board. If this instruction is executed, output pins
are used to output test data (specified by the SAMPLE/PRELOAD instruction) from the boundary
scan register to the print circuit board, and input pins are used to input test result.
SAMPLE/PRELOAD (Instruction Code: B'0100): The SAMPLE/PRELOAD instruction is
used to input data from the LSI internal circuits to the boundary scan register, output data from
scan path, and reload the data to the scan path. While this instruction is executed, input signals are
directly input to the LSI and output signals are also directly output to the external circuits. The LSI
system circuit is not affected by this function.
In SAMPLE operation, the boundary scan register latches the snap shot of data transferred from
input pins to internal circuit or data transferred from internal circuit to output pins. The latched
data is read from the scan path. The scan register latches the snap data at the rising edge of the
TCK in Capture-DR state. The scan register latches snap shot without affecting the LSI normal
operation.
In PRELOAD operation, initial value is written from the scan path to the parallel output latch of
the boundary scan register prior to the EXTEST instruction execution. If the EXTEST is executed
without executing this PRELOAD operation, undefined values are output from the beginning to
the end (transfer to the output latch) of the EXTEST sequence. (In EXTEST instruction, output
parallel latches are always output to the output pins.)
IDCODE (Instruction Code: B'0001): When the IDCODE instruction is selected, IDCODE
register value is output to the TDO in Shift-DR state of the TAP controller. In this case, IDCODE
register value is output from the LSB. During this instruction execution, test circuit does not affect
the system circuit. INSTR is initialized by the IDCODE instruction in Test-Logic-Reset state of
the TAP controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com