Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1245 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1245 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1241Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1243Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1244Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1245Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1246Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1247Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1248Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1245 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1213 of 1468
REJ09B0412-0200
Pin No
Pin No
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit Name
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit
Name
81
L14
PI5
Input
105
101
E12
P17
Input
69
Output enable
104
Output enable
68
Output
103
Output
67
83
K12
PI7
Input
102
105
C36
P36
Input
66
Output enable
101
Output enable
65
Output
100
Output
64
82
L15
PI6
Input
99
104
D13
P35
Input
63
Output enable
98
Output enable
62
Output
97
Output
61
84
K13
P10
Input
96
107
C14
P60
Input
60
Output enable
95
Output enable
59
Output
94
Output
58
85
K15
P11
Input
93
106
D12
P37
Input
57
Output enable
92
Output enable
56
Output
91
Output
55
86
K14
P12
Input
90
108
B15
P61
Input
54
Output enable
89
Output enable
53
Output
88
Output
52
87
J12
P13
Input
87
115
B12
MD0
Input
51
Output enable
86
116
D11
PC2
Input
50
Output
85
Output enable
49
93
G15
P14
Input
78
Output
48
Output enable
77
117
A12
PC3
Input
47
Output
76
Output enable
46
94
G14
P15
Input
75
Output
45
Output enable
74
129
B7
MD1
Input
44
Output
73
130
D6
PB4
Input
43
100
E14
P16
Input
72
Output enable
42
Output enable
71
Output
41
Output
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com