Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1243 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1243 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1239Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1240Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1241Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1243Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1244Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1245Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1246Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1243 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1211 of 1468
REJ09B0412-0200
Pin No
Pin No
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit Name
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit
Name
27
K2
PE2
Input
236
38
P2
PD0
Input
206
Output enable
235
Output enable
205
Output
234
Output
204
28
L3
PE1
Input
233
40
R2
PM3
Input
202
Output enable
232
Output enable
201
Output
231
Output
200
29
L1
PE0
Input
230
41
N4
PM4
Input
198
Output enable
229
Output enable
197
Output
228
Output
196
30
L2
PD7
Input
227
46
R5
VBUS
Input
195
Output enable
226
47
M7
MD_CLK
Input
194
Output
225
49
M8
P20
Input
184
31
L4
PD6
Input
224
Output enable
183
Output enable
223
Output
182
Output
222
51
R8
P21
Input
181
33
M3
PD5
Input
221
Output enable
180
Output enable
220
Output
179
Output
219
52
P8
P22
Input
178
34
N1
PD4
Input
218
Output enable
177
Output enable
217
Output
176
Output
216
53
M9
P23
Input
175
35
M4
PD3
Input
215
Output enable
174
Output enable
214
Output
173
Output
213
54
N9
P24
Input
172
36
N2
PD2
Input
212
Output enable
171
Output enable
211
Output
170
Output
210
55
P9
P25
Input
169
37
P1
PD1
Input
209
Output enable
168
Output enable
208
Output
167
Output
207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com