Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1242 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1242 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1238Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1239Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1240Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1241Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1243Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1244Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1245Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1242 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1210 of 1468
REJ09B0412-0200
Table 26.4
Relationship between Pins and JTBSR Bits
from TDI
Pin No
Pin No
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit Name
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit
Name
3
B1
PB3
Input
296
15
G3
PF3
Input
263
Output enable
295
Output enable
262
Output
294
Output
261
5
D3
PB7
Input
293
17
H4
PF2
Input
260
Output enable
292
Output enable
259
Output
291
Output
258
7
D2
MD2
Input
290
18
H3
PF1
Input
257
8
E4
PM0
Input
289
Output enable
256
Output enable
288
Output
255
Output
287
19
H1
PF0
Input
254
9
E3
PM1
Input
285
Output enable
253
Output enable
284
Output
252
Output
283
20
H2
PE7
Input
251
10
E1
PM2
Input
281
Output enable
250
Output enable
280
Output
249
Output
279
21
J4
PE6
Input
248
11
F3
PF7
Input
275
Output enable
247
Output enable
274
Output
246
Output
273
22
J3
PE5
Input
245
12
F1
PF6
Input
272
Output enable
244
Output enable
271
Output
243
Output
270
24
J2
PE4
Input
242
13
F2
PF5
Input
269
Output enable
241
Output enable
268
Output
240
Output
267
26
K1
PE3
Input
239
14
G4
PF4
Input
266
Output enable
238
Output enable
265
Output
237
Output
264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com