Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1282 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1282 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1278Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1279Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1280Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1281Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1282Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1283Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1284Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1285Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1282 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1250 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Module
5 to 0
WTSTS
[5:0]
0
R/W
Deep Software Standby Wait Time Setting
These bits select the time for which the MCU waits until
the clock settles when deep software standby mode is
canceled by an interrupt.
When using a crystal resonator, see table 28.3 and select
the wait time greater than the oscillation settling time for
each operating frequency. When using an external clock,
settling time for the PLL circuit should be considered. See
table 28.3 to select the wait time.
During the oscillation settling period, counting is
performed with the clock frequency input to the EXTAL.
000000: Reserved
000001: Reserved
000010: Reserved
000011: Reserved
000100: Reserved
000101: Wait time = 64 states
000110: Wait time = 512 states
000111: Wait time = 1024 states
001000: Wait time = 2048 states
001001: Wait time = 4096 states
001010: Wait time = 16384 states
001011: Wait time = 32768 states
001100: Wait time = 65536 states
001101: Wait time = 131072 states
001110: Wait time = 262144 states
001111: Wait time = 524288 states
01xxxx: Reserved
[Legend]
x: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com