Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1283 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1283 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1279Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1280Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1281Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1282Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1283Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1284Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1285Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1286Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1283 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1251 of 1468
REJ09B0412-0200
28.2.6
Deep Standby Interrupt Enable Register (DPSIER)
DPSIER enables or disables interrupts to clear deep software standby mode.
DPSIER is not initialized by the internal reset signal upon exit from deep software standby mode.
Bit
Bit name
Initial value:
R/W:
7
0
R/W
6
DUSBIE
0
R/W
5
DT32KIE
0
R/W
4
DLVDIE*
0
R/W
3
DIRQ3E
0
R/W
2
DIRQ2E
0
R/W
1
DIRQ1E
0
R/W
0
DIRQ0E
0
R/W
Note: *
Supported only by the H8SX/1668M Group.
Bit
Bit Name
Initial
Value
R/W
Module
7
0
R/W
Reserved
This bit is always read as 0. The write value should always
be 0.
6
DUSBIE
0
R/W
USB Suspend/Resume Interrupt Enable
Enables/disables exit from deep software standby mode by
the USB suspend/resume interrupt signal.
0: Disables exit from deep software standby mode by the
USB suspend/resume interrupt signal.
1: Enables exit from deep software standby mode by the
USB suspend/resume interrupt signal.
5
DT32KIE
0
R/W
32K Timer Interrupt Enable
Enables/disables exit from deep software standby mode by
the 32K timer interrupt signal.
0: Disables exit from deep software standby mode by the
32K timer interrupt signal.
1: Enables exit from deep software standby mode by the 32K
timer interrupt signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com