Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1287 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1287 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1283Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1284Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1285Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1286Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1287Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1288Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1289Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1290Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1287 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1255 of 1468
REJ09B0412-0200
28.2.8
Deep Standby Interrupt Edge Register (DPSIEGR)
DPSIEGR selects the rising or falling edge to clear deep software standby mode.
DPSIEGR is not initialized by the internal reset signal upon exit from deep software standby
mode.
Bit
Bit name
Initial value:
R/W:
7
DNMIEG
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
DIRQ3EG
0
R/W
2
DIRQ2EG
0
R/W
1
DIRQ1EG
0
R/W
0
DIRQ0EG
0
R/W
Bit
Bit Name
Initial
Value
R/W
Module
7
DNMIEG
0
R/W
NMI Edge Select
Selects the active edge for NMI pin input.
0: The interrupt request is generated by a falling edge.
1: The interrupt request is generated by a rising edge.
6 to 4
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
3
DIRQ3EG
0
R/W
IRQ3 Interrupt Edge Select
Selects the active edge for IRQ3-A pin input.
0: The interrupt request is generated by a falling edge.
1: The interrupt request is generated by a rising edge.
2
DIRQ2EG
0
R/W
IRQ2 Interrupt Edge Select
Selects the active edge for IRQ2-A pin input.
0: The interrupt request is generated by a falling edge.
1: The interrupt request is generated by a rising edge.
1
DIRQ1EG
0
R/W
IRQ1 Interrupt Edge Select
Selects the active edge for IRQ1-A pin input.
0: The interrupt request is generated by a falling edge.
1: The interrupt request is generated by a rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com