Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1327 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1327 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1323Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1324Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1325Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1326Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1327Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1328Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1329Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1330Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1327 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1295 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Port H pull-up MOS control register
PHPCR
8
H'FFBB8
I/O port
8
2P
φ/2Pφ
Port I pull-up MOS control register
PIPCR
8
H'FFBB9
I/O port
8
2P
φ/2Pφ
Port J pull-up MOS control register
PJPCR
8
H'FFBBA
I/O port
8
2P
φ/2Pφ
Port K pull-up MOS control register
PKPCR
8
H'FFBBB
I/O port
8
2P
φ/2Pφ
Port 2 open-drain control register
P2ODR
8
H'FFBBC
I/O port
8
2P
φ/2Pφ
Port F open-drain control register
PFODR
8
H'FFBBD
I/O port
8
2P
φ/2Pφ
Port function control register 0
PFCR0
8
H'FFBC0
I/O port
8
2P
φ/3Pφ
Port function control register 1
PFCR1
8
H'FFBC1
I/O port
8
2P
φ/3Pφ
Port function control register 2
PFCR2
8
H'FFBC2
I/O port
8
2P
φ/3Pφ
Port function control register 4
PFCR4
8
H'FFBC4
I/O port
8
2P
φ/3Pφ
Port function control register 6
PFCR6
8
H'FFBC6
I/O port
8
2P
φ/3Pφ
Port function control register 7
PFCR7
8
H'FFBC7
I/O port
8
2P
φ/3Pφ
Port function control register 8
PFCR8
8
H'FFBC8
I/O port
8
2P
φ/3Pφ
Port function control register 9
PFCR9
8
H'FFBC9
I/O port
8
2P
φ/3Pφ
Port function control register A
PFCRA
8
H'FFBCA
I/O port
8
2P
φ/3Pφ
Port function control register B
PFCRB
8
H'FFBCB
I/O port
8
2P
φ/3Pφ
Port function control register C
PFCRC
8
H'FFBCC
I/O port
8
2P
φ/3Pφ
Port function control register D
PFCRD
8
H'FFBCD
I/O port
8
2P
φ/3Pφ
Software standby release IRQ enable register SSIER
16
H'FFBCE
INTC
8
2P
φ/3Pφ
Deep standby backup register 0
DPSBKR0
8
H'FFBF0
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 1
DPSBKR1
8
H'FFBF1
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 2
DPSBKR2
8
H'FFBF2
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 3
DPSBKR3
8
H'FFBF3
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 4
DPSBKR4
8
H'FFBF4
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 5
DPSBKR5
8
H'FFBF5
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 6
DPSBKR6
8
H'FFBF6
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 7
DPSBKR7
8
H'FFBF7
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 8
DPSBKR8
8
H'FFBF8
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 9
DPSBKR9
8
H'FFBF9
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 10
DPSBKR10
8
H'FFBFA
SYSTEM
8
2I
φ/3Iφ
Deep standby backup register 11
DPSBKR11
8
H'FFBFB
SYSTEM
8
2I
φ/3Iφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com