Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1331 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1331 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1327Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1328Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1329Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1330Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1331Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1332Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1333Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1334Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1331 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1299 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Access state control register
ASTCR
16
H'FFD86
BSC
16
2I
φ/3Iφ
Wait control register A
WTCRA
16
H'FFD88
BSC
16
2I
φ/3Iφ
Wait control register B
WTCRB
16
H'FFD8A
BSC
16
2I
φ/3Iφ
Read strobe timing control register
RDNCR
16
H'FFD8C
BSC
16
2I
φ/3Iφ
CS assertion period control register
CSACR
16
H'FFD8E
BSC
16
2I
φ/3Iφ
Idle control register
IDLCR
16
H'FFD90
BSC
16
2I
φ/3Iφ
Bus control register 1
BCR1
16
H'FFD92
BSC
16
2I
φ/3Iφ
Bus control register 2
BCR2
8
H'FFD94
BSC
16
2I
φ/3Iφ
Endian control register
ENDIANCR
8
H'FFD95
BSC
16
2I
φ/3Iφ
SRAM mode control register
SRAMCR
16
H'FFD98
BSC
16
2I
φ/3Iφ
Burst ROM interface control register
BROMCR
16
H'FFD9A
BSC
16
2I
φ/3Iφ
Address/data multiplexed I/O control register
MPXCR
16
H'FFD9C
BSC
16
2I
φ/3Iφ
DRAM control register
DRAMCR
16
H'FFDA0
BSC
16
2I
φ/3Iφ
DRAM access control register
DRACCR
16
H'FFDA2
BSC
16
2I
φ/3Iφ
Synchronous DRAM control register
SDCR
16
H'FFDA4
BSC
16
2I
φ/3Iφ
Refresh control register
REFCR
16
H'FFDA6
BSC
16
2I
φ/3Iφ
Refresh timer counter
RTCNT
8
H'FFDA8
BSC
16
2I
φ/3Iφ
Refresh time constant register
RTCOR
8
H'FFDA9
BSC
16
2I
φ/3Iφ
RAM emulation register
RAMER
8
H'FFD9E
BSC
16
2I
φ/3Iφ
Mode control register
MDCR
16
H'FFDC0
SYSTEM
16
2I
φ/3Iφ
System control register
SYSCR
16
H'FFDC2
SYSTEM
16
2I
φ/3Iφ
System clock control register
SCKCR
16
H'FFDC4
SYSTEM
16
2I
φ/3Iφ
Standby control register
SBYCR
16
H'FFDC6
SYSTEM
16
2I
φ/3Iφ
Module stop control register A
MSTPCRA
16
H'FFDC8
SYSTEM
16
2I
φ/3Iφ
Module stop control register B
MSTPCRB
16
H'FFDCA
SYSTEM
16
2I
φ/3Iφ
Module stop control register C
MSTPCRC
16
H'FFDCC
SYSTEM
16
2I
φ/3Iφ
Subclock control register
SUBCKCR
8
H'FFDCF
SYSTEM
16
2I
φ/3Iφ
Flash code control/status register
FCCS
8
H'FFDE8
FLASH
16
2I
φ/2Iφ
Flash program code select register
FPCS
8
H'FFDE9
FLASH
16
2I
φ/2Iφ
Flash erase code select register
FECS
8
H'FFDEA
FLASH
16
2I
φ/2Iφ
Flash key code register
FKEY
8
H'FFDEC
FLASH
16
2I
φ/2Iφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com