Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1332 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1332 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1328Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1329Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1330Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1331Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1332Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1333Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1334Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1335Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1332 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1300 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Flash MAT select register
FMATS
8
H'FFDED
FLASH
16
2I
φ/2Iφ
Flash transfer destination address register
FTDAR
8
H'FFDEE
FLASH
16
2I
φ/2Iφ
Deep standby control register
DPSBYCR
8
H'FFE70
SYSTEM
8
2I
φ/3Iφ
Deep standby wait control register
DPSWCR
8
H'FFE71
SYSTEM
8
2I
φ/3Iφ
Deep standby interrupt enable register
DPSIER
8
H'FFE72
SYSTEM
8
2I
φ/3Iφ
Deep standby interrupt flag register
DPSIFR
8
H'FFE73
SYSTEM
8
2I
φ/3Iφ
Deep standby interrupt edge register
DPSIEGR
8
H'FFE74
SYSTEM
8
2I
φ/3Iφ
Reset status register
RSTSR
8
H'FFE75
SYSTEM
8
2I
φ/3Iφ
Low voltage detection control register
LVDCR
8
H'FFE78
SYSTEM
8
2I
φ/3Iφ
Serial extended mode register_2
SEMR_2
8
H'FFE84
SCI_2
8
2P
φ/2Pφ
Serial mode register_4
SMR_4
8
H'FFE90
SCI_4
8
2P
φ/2Pφ
Bit rate register_4
BRR_4
8
H'FFE91
SCI_4
8
2P
φ/2Pφ
Serial control register_4
SCR_4
8
H'FFE92
SCI_4
8
2P
φ/2Pφ
Transmit data register_4
TDR_4
8
H'FFE93
SCI_4
8
2P
φ/2Pφ
Serial status register_4
SSR_4
8
H'FFE94
SCI_4
8
2P
φ/2Pφ
Receive data register_4
RDR_4
8
H'FFE95
SCI_4
8
2P
φ/2Pφ
Smart card mode register_4
SCMR_4
8
H'FFE96
SCI_4
8
2P
φ/2Pφ
I
2C bus control register A_0
ICCRA_0
8
H'FFEB0
IIC2_0
8
2P
φ/2Pφ
I
2C bus control register B_0
ICCRB_0
8
H'FFEB1
IIC2_0
8
2P
φ/2Pφ
I
2C bus mode register_0
ICMR_0
8
H'FFEB2
IIC2_0
8
2P
φ/2Pφ
I
2C bus interrupt enable register_0
ICIER_0
8
H'FFEB3
IIC2_0
8
2P
φ/2Pφ
I
2C bus status register_0
ICSR_0
8
H'FFEB4
IIC2_0
8
2P
φ/2Pφ
Slave address register_0
SAR_0
8
H'FFEB5
IIC2_0
8
2P
φ/2Pφ
I
2C bus transmit data register_0
ICDRT_0
8
H'FFEB6
IIC2_0
8
2P
φ/2Pφ
I
2C bus receive data register_0
ICDRR_0
8
H'FFEB7
IIC2_0
8
2P
φ/2Pφ
I
2C bus control register A_1
ICCRA_1
8
H'FFEB8
IIC2_1
8
2P
φ/2Pφ
I
2C bus control register B_1
ICCRB_1
8
H'FFEB9
IIC2_1
8
2P
φ/2Pφ
I
2C bus mode register_1
ICMR_1
8
H'FFEBA
IIC2_1
8
2P
φ/2Pφ
I
2C bus interrupt enable register_1
ICIER_1
8
H'FFEBB
IIC2_1
8
2P
φ/2Pφ
I
2C bus status register_1
ICSR_1
8
H'FFEBC
IIC2_1
8
2P
φ/2Pφ
Slave address register_1
SAR_1
8
H'FFEBD
IIC2_1
8
2P
φ/2Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com