Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1335 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1335 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1331Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1332Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1333Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1334Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1335Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1336Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1337Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1338Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1335 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1303 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Serial mode register_2
SMR_2
8
H'FFF60
SCI_2
8
2P
φ/2Pφ
Bit rate register_2
BRR_2
8
H'FFF61
SCI_2
8
2P
φ/2Pφ
Serial control register_2
SCR_2
8
H'FFF62
SCI_2
8
2P
φ/2Pφ
Transmit data register_2
TDR_2
8
H'FFF63
SCI_2
8
2P
φ/2Pφ
Serial status register_2
SSR_2
8
H'FFF64
SCI_2
8
2P
φ/2Pφ
Receive data register_2
RDR_2
8
H'FFF65
SCI_2
8
2P
φ/2Pφ
Smart card mode register_2
SCMR_2
8
H'FFF66
SCI_2
8
2P
φ/2Pφ
D/A data register 0
DADR0
8
H'FFF68
D/A
8
2P
φ/2Pφ
D/A data register 1
DADR1
8
H'FFF69
D/A
8
2P
φ/2Pφ
D/A control register 01
DACR01
8
H'FFF6A
D/A
8
2P
φ/2Pφ
PPG output control register
PCR
8
H'FFF76
PPG_0
8
2P
φ/2Pφ
PPG output mode register
PMR
8
H'FFF77
PPG_0
8
2P
φ/2Pφ
Next data enable register H
NDERH
8
H'FFF78
PPG_0
8
2P
φ/2Pφ
Next data enable register L
NDERL
8
H'FFF79
PPG_0
8
2P
φ/2Pφ
Output data register H
PODRH
8
H'FFF7A
PPG_0
8
2P
φ/2Pφ
Output data register L
PODRL
8
H'FFF7B
PPG_0
8
2P
φ/2Pφ
Next data register H*
1
NDRH
8
H'FFF7C
PPG_0
8
2P
φ/2Pφ
Next data register L*
1
NDRL
8
H'FFF7D
PPG_0
8
2P
φ/2Pφ
Next data register H*
1
NDRH
8
H'FFF7E
PPG_0
8
2P
φ/2Pφ
Next data register L*
1
NDRL
8
H'FFF7F
PPG_0
8
2P
φ/2Pφ
Serial mode register_0
SMR_0
8
H'FFF80
SCI_0
8
2P
φ/2Pφ
Bit rate register_0
BRR_0
8
H'FFF81
SCI_0
8
2P
φ/2Pφ
Serial control register_0
SCR_0
8
H'FFF82
SCI_0
8
2P
φ/2Pφ
Transmit data register_0
TDR_0
8
H'FFF83
SCI_0
8
2P
φ/2Pφ
Serial status register_0
SSR_0
8
H'FFF84
SCI_0
8
2P
φ/2Pφ
Receive data register_0
RDR_0
8
H'FFF85
SCI_0
8
2P
φ/2Pφ
Smart card mode register_0
SCMR_0
8
H'FFF86
SCI_0
8
2P
φ/2Pφ
Serial mode register_1
SMR_1
8
H'FFF88
SCI_1
8
2P
φ/2Pφ
Bit rate register_1
BRR_1
8
H'FFF89
SCI_1
8
2P
φ/2Pφ
Serial control register_1
SCR_1
8
H'FFF8A
SCI_1
8
2P
φ/2Pφ
Transmit data register_1
TDR_1
8
H'FFF8B
SCI_1
8
2P
φ/2Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com