Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 129Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 130Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 131Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 132Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 133Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 134Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 136Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1504 page
background image
Section 4 Resets
Rev. 2.00 Sep. 24, 2008 Page 101 of 1468
REJ09B0412-0200
4.4
Pin Reset
This is a reset generated by the
RES pin.
When the
RES pin is driven low, all the processing in progress is aborted and the LSI enters a
reset state. In order to firmly reset the LSI, the
STBY pin should be set to high and the RES pin
should be held low at least for 20 ms at a power-on. During operation, the
RES pin should be held
low at least for 20 states.
4.5
Power-on Reset (POR) (H8SX/1668M Group)
This is an internal reset generated by the power-on reset circuit.
If
RES is in the high-level state when power is supplied, a power-on reset is generated. After Vcc
has exceeded Vpor and the specified period (power-on reset time) has elapsed, the chip is released
from the power-on reset state. The power-on reset time is a period for stabilization of the external
power supply and the LSI circuit.
If
RES is at the high-level when the power-supply voltage (Vcc) falls to or below Vpor, a power-
on reset is generated. The chip is released after Vcc has risen above Vpor and the power-on reset
time has elapsed.
After a power-on reset has been generated, the PORF bit in RSTSR is set to 1. The PORF bit is in
a read-only register and is only initialized by a pin reset. Figure 4.2 shows the operation of a
power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com