Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 133Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 134Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 136Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 137Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 138Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 139Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 140Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 1504 page
background image
Section 5 Voltage Detection Circuit (LVD)
Rev. 2.00 Sep. 24, 2008 Page 105 of 1468
REJ09B0412-0200
Section 5 Voltage Detection Circuit (LVD)
The voltage detection circuit (LVD) is only supported by the H8SX/1668M Group.
This circuit is used to monitor Vcc. The LVD is capable of internally resetting the LSI when Vcc
falls and crosses the voltage detection level. An interrupt can also be generated.
5.1
Features
•
Voltage-detection circuit
Capable of detecting the power-supply voltage (Vcc) becoming less than or equal to Vdet.
Capable of generating an internal reset or interrupt when a low voltage is detected.
A block diagram of the voltage detection circuit is shown in figure 5.1.
Vcc
LVDF
LVDE
LVDRI
LVDMON
On-chip reference
voltage
(for sensing Vdet)
[Legend]
LVDE:
LVD enable
LVDRI:
LVD reset / interrupt select
LVDMON: LVD monitor
LVDF:
LVD flag
Power-supply
stabilization
time
generation
circuit
Reset /
interrupt
control
circuit
Voltage-monitoring
reset
Voltage-monitoring
interrupt
+
−
Figure 5.1 Block Diagram of Voltage-Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com