Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 137Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 138Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 139Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 140Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 141Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 142Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 143Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 144Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1504 page
background image
Section 5 Voltage Detection Circuit (LVD)
Rev. 2.00 Sep. 24, 2008 Page 109 of 1468
REJ09B0412-0200
5.3
Voltage Detection Circuit
5.3.1
Voltage Monitoring Reset
Figure 5.2 shows the timing of a voltage monitoring reset by the voltage-detection circuit.
When Vcc falls below Vdet in the state where the LVDE bit in LVDCR has been set to 1 and the
LVDRI bit has been cleared to 0, the LVDF bit is set to 1 and the voltage-detection circuit
generates a voltage monitoring reset.
Next, after Vcc has risen above Vdet, release from the voltage-monitoring reset takes place after a
period for stabilization (t
por) has elapsed. The period for stabilization (tpor) is a time that is generated
by the voltage detection circuit in order to stabilize the Vcc and the internal circuit of the LSI.
When a voltage-monitoring reset is generated, the LVDF bit is set to 1.
For details, see section 30, Electrical Characteristics.
Vdet
Vpor
LVDE
LVDRI
Internal
reset signal
(Low)
Stabilization time (t
POR)
Vcc
↓Write 1
↓Write 0
Figure 5.2 Timing of the Voltage-Monitoring Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com