Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 138Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 139Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 140Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 141Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 142Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 143Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 144Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 145Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 1504 page
background image
Section 5 Voltage Detection Circuit (LVD)
Rev. 2.00 Sep. 24, 2008 Page 110 of 1468
REJ09B0412-0200
5.3.2
Voltage Monitoring Interrupt
Figure 5.3 shows the timing of a voltage monitoring interrupt by the voltage-detection circuit.
When Vcc falls below the Vdet in a state where the LVDE and LVDRI bits in LVDCR are both
set to 1, the LVDF bit is set to 1 and a voltage monitoring interrupt is requested.
The voltage monitoring interrupt signal is internally connected to
IRQ14-B, so the IRQ14F bit in
the ISR is set to 1 when the interrupt is generated.
As for the IRQ14 setting, set both the ITS14 bit in PFCRB and the IRQ14E bit in the IER to 1, and
the IRQ14SR and IRQ14SF bits in the ISCR to 01 (interrupt request on falling edge).
Figure 5.4 shows the procedure for setting the voltage-monitoring interrupt.
Vdet
Vpor
LVDE
LVDRI
Stabilization time (t
POR)
Vcc
↓Write 1
↓Write 1
LVDF
Set
Set
Voltage-monitoring
interrupt signal
(IRQ14)
IRQ14F
Voltage-monitoring
signal
Write 0 after
reading as 1
Figure 5.3 Timing of the Voltage-Monitoring Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com