Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1395 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1395 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1391Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1392Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1393Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1394Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1395Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1396Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1397Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1398Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1395 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1363 of 1468
REJ09B0412-0200
30.3
DC Characteristics H8SX/1668M Group
Table 30.4
DC Characteristics (1)
Conditions: V
CC = PLLVCC = DrVCC = 2.95 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to
AV
CC, VSS = PLLVSS = DrVSS = AVSS = 0 V*
1, T
a = –20°C to +75°C (regular
specifications), T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
VT
–
V
CC × 0.2
V
VT
+
V
CC × 0.7
V
IRQ input pin,
TPU input pin,
TMR input pin,
port 2, port 3,
port J, port K
VT
+ – VT– V
CC × 0.06
V
VT
–
AV
CC × 0.2
V
VT
+
AV
CC × 0.7
V
Schmitt
trigger input
voltage
IRQ0-B to IRQ7-
B input pins
VT
+ – VT– AV
CC × 0.06 
V
MD,
RES, STBY,
EMLE, NMI
V
CC × 0.9
V
CC + 0.3
EXTAL
Other input pins
V
CC × 0.7
V
CC + 0.3
Input high
voltage
(except
Schmitt
trigger input
pin)
Port 5
V
IH
AV
CC × 0.7
AV
CC + 0.3
V
MD,
RES, STBY,
EMLE
–0.3
V
CC × 0.1
EXTAL, NMI
–0.3
V
CC × 0.2
Input low
voltage
(except
Schmitt
trigger input
pin)
Other input pins
V
IL
–0.3
V
CC × 0.2
V
V
CC – 0.5
I
OH = –200 µA
Output high
voltage
All output pins
V
OH
V
CC – 1.0
V
I
OH = –1 mA
All output pins
0.4
I
OL = 1.6 mA
Output low
voltage
Port 3
V
OL
1.0
V
I
OL = 10 mA
RES
10.0
MD,
STBY,
EMLE, NMI
1.0
V
in = 0.5 to
V
CC – 0.5 V
Input
leakage
current
Port 5
|I
in|
1.0
µA
V
in = 0.5 to
AV
CC – 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com