Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1396 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1396 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1392Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1393Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1394Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1395Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1396Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1397Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1398Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1399Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1396 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1364 of 1468
REJ09B0412-0200
Table 30.4
DC Characteristics (2)
Conditions: V
CC = PLLVCC = DrVCC = 2.95 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to
AV
CC, VSS = PLLVSS = DrVSS = AVSS = 0 V*
1, T
a = –20°C to +75°C (regular
specifications), T
a = –40°C to +85°C (wide-range specifications)
Item
Symbol Min.
Typ.
Max.
Unit
Test
Conditions
Three-state
leakage current
(off state)
Ports 1, 2, 3, 6,
A to F, H, I, M
| ITSI|
1.0
µA
V
in = 0.5 to
V
CC – 0.5 V
Input pull-up
MOS current
Ports D to F, H, I
–I
p
10
300
µA
V
CC = 2.95 to
3.6 V
V
in = 0 V
Input
capacitance
All input pins
C
in
15
pF
V
in = 0 V
f = 1 MHz
T
a = 25°C
Normal operation
50
85
f = 50 MHz
Sleep mode
48
60
Subclock operation
5
10
32.768-kHz
crystal
resonator is
used.
0.15
1.1
T
a ≤ 50°C
Software standby mode*
3
3.5
mA
50°C < T
a
24
67
T
a ≤ 50°C
RAM ,USB
retained*
3*7
200
50°C < T
a
23
35
TM32K
halted
60
T
a ≤ 50°C
29
43
Deep
software
standby
mode
RAM,
USB
power
supply
halted
TM32K
operation
75
µA
50°C < T
a
2
7
T
a ≤ 50°C
Standby
mode
Hardware standby mode
25
50°C < T
a
Current
consumption
*2
All-module-clock-stop mode*
5
I
CC*
4
23
30
mA
During A/D and D/A conversion
1.0
2.5
mA
Analog power
supply current
Standby for A/D and D/A conversion
AI
CC
0.5
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com