Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1439 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1439 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1435Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1436Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1437Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1438Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1439Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1440Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1441Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1442Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1439 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1407 of 1468
REJ09B0412-0200
Item
Symbol
Min.
Max.
Unit
Test Conditions
Timer output delay time
t
TMOD
40
ns
Figure 30.46
Timer reset input setup time
t
TMRS
25
ns
Figure 30.47
Timer clock input setup time
t
TMCS
25
ns
Figure 30.48
Timer clock
pulse width
Single-edge
setting
t
TMCWH
1.5
t
cyc
8-bit
timer
Both-edge
setting
t
TMCWL
2.5
t
cyc
WDT
Overflow output delay time
t
WOVD
40
ns
Figure 30.49
Asynchronous
t
Scyc
4
t
cyc
Figure 30.50
Input clock
cycle
Clocked
synchronous
6
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Input clock rise time
t
SCKr
1.5
t
cyc
Input clock fall time
t
SCKf
1.5
t
cyc
Transmit data delay time
t
TXD
40
ns
Figure 30.51
Receive data setup time
(clocked synchronous)
t
RXS
40
ns
SCI
Receive data hold time
(clocked synchronous)
t
RXH
40
ns
A/D
converter
Trigger input setup time
t
TRGS
30
ns
Figure 30.52
SCL input cycle time
t
SCL
12 t
cyc +
600
ns
Figure 30.53
SCL input high pulse width
t
SCLH
3 t
cyc +
300
ns
SCL input low pulse width
t
SCLL
5 t
cyc +
300
ns
SCL, SDA input falling time
t
Sf
300
ns
SCL, SDA input spike pulse
removal time
t
SP
1 t
cyc
ns
SDA input bus free time
t
BUF
5 t
cyc
ns
Start condition input hold time t
STAH
3 t
cyc
ns
IIC2
Retransmit start condition
input setup time
t
STAS
3 t
cyc
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com