Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1440 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1440 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1436Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1437Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1438Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1439Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1440Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1441Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1442Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1443Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1440 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1408 of 1468
REJ09B0412-0200
Item
Symbol
Min.
Max.
Unit
Test Conditions
Stop condition input setup
time
t
STOS
1 t
cyc + 20
ns
Data input setup time
t
SDAS
0
ns
Data input hold time
t
SDAH
0
ns
SCL, SDA capacitive load
Cb
400
pF
IIC2
SCL, SDA falling time
t
Sf
300
ns
Figure 30.53
TCK clock cycle time
t
TCKcyc
50*
1
ns
Figure 30.54
Boundary
scan
TCK clock high level pulse
width
t
TCKH
20
ns
TCK clock low level pulse
width
t
TCKL
20
ns
TCK clock rising time
t
TCKr
5
ns
TCK clock falling time
t
TCKf
5
ns
TRST pulse width
t
TRSTW
20
Tcyc
Figure 30.55
TMS setup time
t
TMSS
20
ns
Figure 30.56
TMS hold time
t
TMSH
20
ns
TDI setup time
t
TDIS
20
ns
TDI hold time
t
TDIH
20
ns
TDI data delay time
t
TDOD
23
ns
Notes: 1. t
TCKcyc ≥ tTCKcyc
2. V
CC = PLLVCC = DrVCC = 2.95 V to 3.60 V in the H8SX/1668M Group.
T1
tPRS tPRH
tPWD
T2
P
φ
Ports 1 to 3, 5, 6,
A, to F, H, I, M, J, K (read)
Ports 1 to 3, 6,
A to F, H, I,M, J, K (write)
Figure 30.42 I/O Port Input/Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com