Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1473 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1473 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1469Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1470Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1471Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1472Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1473Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1474Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1475Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1476Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1473 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1441 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
Section 22 A/D Converter
22.3.2 A/D Control/Status
Register for Unit 0
(ADCSR_0)
1073
Added
Descriptions for bit 5 in the register table:
Note: Do not write to ADST when activation is by an
external trigger. For details, see section 22.7.3, Notes
on A/D activation by an External Trigger.
22.3.3 A/D Control/Status
Register for Unit 1
(ADCSR_1)
1075
Added
Descriptions for bit 5 in the register table:
Note: Do not write to ADST when activation is by an
external trigger. For details, see section 22.7.3, Notes
on A/D activation by an External Trigger.
22.3.4 A/D Control/Status
Register for Unit 2 (ADCR_0)
Unit 0
1077
Amended and added
The description for bit 7,6, and 0 in the register table:
001: External trigger disabled
Note: Do not write to ADST when activation is by an
external trigger. For details, see section 22.7.3, Notes
on A/D activation by an External Trigger.
22.3.5 A/D Control Register
(ADCR_1) Unit 1
1079
Amended and added
Descriptions for bits 7,6, and 0 in the register table:
001: External trigger disabled
Note: Do not write to ADST when activation is by an
external trigger. For details, see section 22.7.3, Notes
on A/D activation by an External Trigger.
22.4.3 Input Sampling and
A/D Conversion Time
1086
Replaced
Table 22.3 A/D Conversion Characteristics (EXCKS = 0)
Table 22.4 A/D Conversion Characteristics (EXCKS = 1:
Unit 1)
22.7 Usage Notes
1092
Added
22.7.3 Notes on A/D Activation by an External Trigger is
added to 22.7 Usage Notes
Section 23 D/A Converter
23.5.2 D/A Output Hold
Function in Software Standby
Mode
1102
Amended
When this LSI make a transition to software standby mode
with D/A conversion enabled, the D/A outputs are retained,
23.5.3 Notes on Deep
Software Standby Mode
Added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com