Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1476 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1476 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1472Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1473Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1474Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1475Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1476Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1477Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1478Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1479Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1476 / 1504 page
background image
Main Revisions and Additions in this Edition
Rev. 2.00 Sep. 24, 2008 Page 1444 of 1468
REJ09B0412-0200
Item
Page
Revision (See Manual for Details)
1251
Amended
DPSIER enables or disables interrupts to clear deep
software standby mode.
DPSIER is not initialized by the internal reset signal upon
exit from deep software standby mode.
Amended
Descriptions for bit 3 in the register table:
Enables or disables exit from deep software standby mode
by IRQ3-A.
0: Disables exit from deep software standby mode by
IRQ3-A.
1: Enables exit from deep software standby mode by
IRQ3-A.
28.2.6 Deep Standby
Interrupt Enable Register
(DPSIER)
1252
Amended
Descriptions for bit 2 in the register table:
Enables or disables exit from deep software standby mode
by IRQ2-A.
0: Disables exit from deep software standby mode by
IRQ2-A.
1: Enables exit from deep software standby mode by
IRQ2-A.
Amended
Descriptions for bit 1 in the register table:
Enables or disables exit from deep software standby mode
by IRQ1-A.
0: Disables exit from deep software standby mode by
IRQ1-A.
1: Enables exit from deep software standby mode by
IRQ1-A.
Amended
Descriptions for bit 0 in the register table:
Enables or disables exit from deep software standby mode
by IRQ0-A.
0: Disables exit from deep software standby mode by
IRQ0-A.
1: Enables exit from deep software standby mode by
IRQ0-A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com