Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 152Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 153Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 154Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 155Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 156Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 157Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 158Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 159Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 1504 page
background image
Section 6 Exception Handling
Rev. 2.00 Sep. 24, 2008 Page 124 of 1468
REJ09B0412-0200
The interrupt exception handling is as follows:
1. The contents of PC, CCR, and EXR are saved in the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. An exception handling vector table address corresponding to the interrupt source is generated,
the start address of the exception service routine is loaded from the vector table to PC, and
program execution starts from that address.
6.7
Instruction Exception Handling
There are three instructions that cause exception handling: trap instruction, sleep instruction, and
illegal instruction.
6.7.1
Trap Instruction
Trap instruction exception handling starts when a TRAPA instruction is executed. Trap instruction
exception handling can be executed at all times in the program execution state. The trap
instruction exception handling is as follows:
1. The contents of PC, CCR, and EXR are saved in the stack.
2. The interrupt mask bit is updated and the T bit is cleared to 0.
3. An exception handling vector table address corresponding to the vector number specified in
the TRAPA instruction is generated, the start address of the exception service routine is loaded
from the vector table to PC, and program execution starts from that address.
A start address is read from the vector table corresponding to a vector number from 0 to 3, as
specified in the instruction code.
Table 6.8 shows the state of CCR and EXR after execution of trap instruction exception handling.
Table 6.8
Status of CCR and EXR after Trap Instruction Exception Handling
CCR
EXR
Interrupt Control Mode
I
UI
T
I2 to I0
0
1
2
1
0
[Legend]
1:
Set to 1
0:
Cleared to 0
:
Retains the previous value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com