Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 156Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 157Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 158Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 159Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 160Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 161Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 162Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 163Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 1504 page
background image
Section 6 Exception Handling
Rev. 2.00 Sep. 24, 2008 Page 128 of 1468
REJ09B0412-0200
6.9
Usage Note
When performing stack-manipulating access, this LSI assumes that the lowest address bit is 0. The
stack should always be accessed by a word transfer instruction or a longword transfer instruction,
and the value of the stack pointer (SP: ER7) should always be kept even. Use the following
instructions to save registers:
PUSH.W
Rn
(or MOV.W Rn, @-SP)
PUSH.L
ERn
(or MOV.L ERn, @-SP)
Use the following instructions to restore registers:
POP.W
Rn
(or MOV.W @SP+, Rn)
POP.L
ERn
(or MOV.L @SP+, ERn)
Performing stack manipulation while SP is set to an odd value leads to an address error. Figure 6.4
shows an example of operation when the SP value is odd.
SP
CCR :
PC :
R1L :
SP :
Condition code register
Program counter
General register R1L
Stack pointer
CCR
SP
SP
R1L
H'FFFEFA
H'FFFEFB
H'FFFEFC
H'FFFEFD
H'FFFEFE
H'FFFEFF
PC
PC
TRAPA instruction executed
SP set to H'FFFEFF
Data saved above SP
MOV.B R1L, @-ER7 executed
Contents of CCR lost
Address
[Legend]
Note: This diagram illustrates an example in which the interrupt control mode is 0, in advanced mode.
(Address error occurred)
Figure 6.4 Operation when SP Value is Odd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com