Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 160Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 161Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 162Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 163Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 164Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 165Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 166Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 167Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 132 of 1468
REJ09B0412-0200
7.3.1
Interrupt Control Register (INTCR)
INTCR selects the interrupt control mode, and the edge to detect NMI.
Bit
Bit Name
Initial Value
R/W
7
0
R
6
0
R
5
INTM1
0
R/W
4
INTM0
0
R/W
3
NMIEG
0
R/W
2
0
R
1
0
R
0
0
R
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
0
R
R
Reserved
These are read-only bits and cannot be modified.
5
4
INTM1
INTM0
0
0
R/W
R/W
Interrupt Control Select Mode 1 and 0
These bits select either of two interrupt control modes for
the interrupt controller.
00: Interrupt control mode 0
Interrupts are controlled by I bit in CCR.
01: Setting prohibited.
10: Interrupt control mode 2
Interrupts are controlled by bits I2 to I0 in EXR, and
IPR.
11: Setting prohibited.
3
NMIEG
0
R/W
NMI Edge Select
Selects the input edge for the NMI pin.
0: Interrupt request generated at falling edge of NMI input
1: Interrupt request generated at rising edge of NMI input
2 to 0
All 0
R
Reserved
These are read-only bits and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com