Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 237Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 238Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 239Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 240Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 241Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 242Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 243Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 244Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 209 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
11
OEE
0
R/W
OE Output Enable
The
OE signal is output when DRAM with the EDO
page mode is connected, whereas the CKE signal is
output when SDRAM is connected.
0:
OE/CKE signal output disabled (the OE/CKE pin can
be used as an I/O port)
1:
OE/CKE signal enabled
10
RAST
0
R/W
RAS Assertion Timing Select
Selects whether the
RAS signal is asserted at the rising
edge or falling edge of the B
φ signal in the Tr cycle
during a DRAM access. The relationship between this
bit and
RAS assertion timing is shown in figure 9.4.
When SDRAM is used, the setting of this bit does not
affect operation.
0: RAS signal is asserted at the falling edge of the Bf
signal in the Tr cycle
1: RAS signal is asserted at the rising edge of the Bf
signal in the Tr cycle
9
0
R
Reserved
The initial value should not be changed.
8
CAST
0
R/W
Column Address Output Cycle Count Select
Selects whether the number of column address output
cycles is two or three during a DRAM access.
When SDRAM is used, the setting of this bit does not
affect operation.
0: Column address is output for two cycles
1: Column address is output for three cycles
7
BE
0
R/W
Burst Access Enable
Enables or disables a burst access to the
DRAM/SDRAM. The DRAM/SDRAM is accessed in
high-speed page mode. When DRAM with the EDO
page mode is used, connect the
OE signal of this LSI to
the
OE signal of DRAM.
0: DRAM/SDRAM is accessed with full access
1: DRAM/SDRAM is accessed in high-speed page
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com