Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 238Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 239Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 240Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 241Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 242Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 243Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 244Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 245Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 210 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
RCDM
0
R/W
RAS Down Mode
Selects the
RAS signal state while a DRAM access is
halted when a basic bus interface area or an on-chip
I/O register is accessed: keep the
RAS signal low (RAS
down mode) and high (
RAS up mode).
This bit is effective when BE = 1. Clearing this bit to 0
with RCDM = 1 in
RAS down mode cancels the RAS
down mode and the
RAS signal goes high.
If the
RAS down mode is selected for the SDRAM
interface, the READ/WRIT command is issued without
issuance of the ACTV command when the same row
address is accessed consecutively.
0: RAS up mode when the DRAM/SDRAM is accessed
1: RAS down mode when the DRAM/SDRAM is
accessed
5
DDS
0
R/W
DMAC Single Address Transfer Option
Selects whether a DMAC single address transfer
through the DRAM/SDRAM interface is enabled only in
full access mode or is also enabled in fast-page access
mode.
When clearing the BE bit to 0 to disable a burst access
to the DRAM/SDRAM interface, a DMAC single address
transfer is performed in full access mode regardless of
this bit.
This bit does not affect an external access by other bus
masters or a DMAC dual address transfer. Setting this
bit to 1 changes the
DACK output timing.
0: DMAC single address transfer through the
DRAM/SDRAM is enabled only in full access mode
1: DMAC single address transfer through the
DRAM/SDRAM is also enabled in fast-page access
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com