Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 270Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 271Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 272Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 273Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 274Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 275Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 276Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 277Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 242 of 1468
REJ09B0412-0200
Longword
Access
Address
Access
Count
15
15
23
16
24
31
Data
Size
Byte
Byte
Byte
Byte
Byte
Byte
Byte
Byte
Word
1
1st
1st
2nd
1st
2nd
3rd
4th
2
4
Bus
Cycle
Data Size
Data bus
D15
D8 D7
D0
RD
7
7
7
0
8
0
8
0
LHWR/LUB
LLWR/LLB
Strobe signal
n
n
n
Figure 9.12 Access Sizes and Data Alignment Control for 8-Bit Access Space
(Little Endian)
(2)
16-Bit Access Space
With the 16-bit access space, the upper byte data bus (D15 to D8) and lower byte data bus (D7 to
D0) are used for accesses. The amount of data that can be accessed at one time is one byte or one
word.
Figures 9.13 and 9.14 illustrate data alignment control for the 16-bit access space. Figure 9.13
shows the data alignment when the data endian format is specified as big endian. Figure 9.14
shows the data alignment when the data endian format is specified as little endian.
In big endian, byte access for an even address is performed by using the upper byte data bus and
byte access for an odd address is performed by using the lower byte data bus.
In little endian, byte access for an even address is performed by using the lower byte data bus, and
byte access for an odd address is performed by using the third byte data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com